Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUN5111T1G Datasheet(PDF) 12 Page - ON Semiconductor

Part No. MUN5111T1G
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5111T1G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button MUN5111T1G Datasheet HTML 5Page - ON Semiconductor MUN5111T1G Datasheet HTML 6Page - ON Semiconductor MUN5111T1G Datasheet HTML 7Page - ON Semiconductor MUN5111T1G Datasheet HTML 8Page - ON Semiconductor MUN5111T1G Datasheet HTML 9Page - ON Semiconductor MUN5111T1G Datasheet HTML 10Page - ON Semiconductor MUN5111T1G Datasheet HTML 11Page - ON Semiconductor MUN5111T1G Datasheet HTML 12Page - ON Semiconductor MUN5111T1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MUN5111T1 Series
http://onsemi.com
12
TYPICAL ELECTRICAL CHARACTERISTICS — MUN5137T1
Figure 38. Maximum Collector Voltage versus
Collector Current
Figure 39. DC Current Gain
Figure 40. Output Capacitance
Figure 41. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 42. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
35
30
25
20
15
10
5
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
0.01
1000
1.4
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.001
1
10
11
9
8
7
100
15
10
5
0
1
10
20
25
50
45
40
0.1
0.01
10
1.2
f = 1 MHz
IE = 0 V
TA = 25°C
75°C
25°C
TA = −25°C
VO = 5 V
75°C
25°C
TA = −25°C
VO = 0.2 V
75°C
25°C
TA = −25°C
IC/IB = 10
VCE = 10 V
75°C
25°C
TA = −25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn