Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUN5111T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part No. MUN5111T1G
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5111T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MUN5111T1G Datasheet HTML 3Page - ON Semiconductor MUN5111T1G Datasheet HTML 4Page - ON Semiconductor MUN5111T1G Datasheet HTML 5Page - ON Semiconductor MUN5111T1G Datasheet HTML 6Page - ON Semiconductor MUN5111T1G Datasheet HTML 7Page - ON Semiconductor MUN5111T1G Datasheet HTML 8Page - ON Semiconductor MUN5111T1G Datasheet HTML 9Page - ON Semiconductor MUN5111T1G Datasheet HTML 10Page - ON Semiconductor MUN5111T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MUN5111T1 Series
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS − MUN5113T1
Figure 12. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
010
20
30
40
75
°C
25
°C
Figure 13. DC Current Gain
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
-25
°C
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001
010
25
°C
Vin, INPUT VOLTAGE (VOLTS)
-25
°C
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
1
2
3
4
5
6
7
8
9
Figure 16. Input Voltage versus Output Current
100
10
1
0.1
0
10
20
30
40
IC, COLLECTOR CURRENT (mA)
TA =-25°C
25
°C
75
°C
50
IC/IB = 10
TA =-25°C
25
°C
TA =75°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
TA =75°C
VO = 0.2 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn