Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS120618D400 Datasheet(PDF) 6 Page - AVX Corporation

Part # VCAS120618D400
Description  TransGuard Automotive Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS120618D400 Datasheet(HTML) 6 Page - AVX Corporation

  VCAS120618D400 Datasheet HTML 1Page - AVX Corporation VCAS120618D400 Datasheet HTML 2Page - AVX Corporation VCAS120618D400 Datasheet HTML 3Page - AVX Corporation VCAS120618D400 Datasheet HTML 4Page - AVX Corporation VCAS120618D400 Datasheet HTML 5Page - AVX Corporation VCAS120618D400 Datasheet HTML 6Page - AVX Corporation VCAS120618D400 Datasheet HTML 7Page - AVX Corporation VCAS120618D400 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TransGuard Automotive Series
Multilayer Varistors for Automotive Applications
V-I CHARACTERISTICS
6
90
80
70
60
50
40
30
20
10
0
18A
26A
30A
Current (A)
1.00E-09
1.00E-06
1.00E-03
1.00E+00
1.00E+03
0603 Case Size
120
100
80
60
40
20
0
Current (A)
1.00E-09
1.00E-06
1.00E-03
1.00E+00
1.00E+03
0805 Case Size
18C
26C
30C
38C


Similar Part No. - VCAS120618D400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS120618D400 AVX-VCAS120618D400 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS120618D400DP AVX-VCAS120618D400DP Datasheet
612Kb / 10P
   Multilayer Varistors for Automotive Applications
VCAS120618D400RP AVX-VCAS120618D400RP Datasheet
612Kb / 10P
   Multilayer Varistors for Automotive Applications
VCAS120618D400TP AVX-VCAS120618D400TP Datasheet
612Kb / 10P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS120618D400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
VGAS AVX-VGAS Datasheet
116Kb / 2P
   Glass Encapsulated TransGuard
VC120638N770RP AVX-VC120638N770RP Datasheet
501Kb / 10P
   TransGuard AVX Multilayer Ceramic Transient Voltage Suppressors
VC121030H620DP AVX-VC121030H620DP Datasheet
502Kb / 10P
   TransGuard AVX Multilater Ceramic Transient Vltage Sppressors
logo
EPCOS
B72650M1140K072 EPCOS-B72650M1140K072 Datasheet
86Kb / 4P
   Monolithic; Automotive Series
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
EPCOS
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC_10 Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com