Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD30HVF1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RD30HVF1
Description  Silicon MOSFET Power Transistor,175MHz,30W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD30HVF1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RD30HVF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon RF Power Semiconductors
RD30HVF1
RoHS Compliance,
Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1
17 Aug 2010
2/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
CHANNEL DISSIPATION VS.
AMBIENT TEMPERATURE
0
20
40
60
80
100
0
40
80
120
160
200
AMBIENT TEMPERATURE Ta(°C)
Vds VS. Crss CHARACTERISTICS
0
4
8
12
16
20
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Coss CHARACTERISTICS
0
20
40
60
80
100
120
140
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Ciss CHARACTERISTICS
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds-Ids CHARACTERISTICS
0
2
4
6
8
10
02
46
8
10
Vds(V)
Ta=+25°C
Vgs=5V
Vgs=4.5V
Vgs=4V
Vgs=3.5V
Vgs=3V
Vgs=5.5V
Vgs-Ids CHARACTERISTICS
0
2
4
6
8
10
01
2
3
4
5
Vgs(V)
Ta=+25°C
Vds=10V


Similar Part No. - RD30HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD30HVF1 MITSUBISHI-RD30HVF1 Datasheet
401Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1 MITSUBISHI-RD30HVF1 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1-101 MITSUBISHI-RD30HVF1-101 Datasheet
401Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
More results

Similar Description - RD30HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD30HVF1 MITSUBISHI-RD30HVF1 Datasheet
401Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
logo
M/A-COM Technology Solu...
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
   RF Power MOSFET Transistor 30W, 2-175MHz, 12V
logo
NTE Electronics
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
logo
Mitsubishi Electric Sem...
RD12MVP1 MITSUBISHI-RD12MVP1 Datasheet
124Kb / 7P
   Silicon MOSFET Power Transistor, 175MHz, 10W
RD02MUS1 MITSUBISHI-RD02MUS1 Datasheet
278Kb / 9P
   Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B Datasheet
186Kb / 8P
   Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD07MVS1 MITSUBISHI-RD07MVS1_10 Datasheet
219Kb / 10P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1 Datasheet
274Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com