Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE4353 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE4353
Description  High?뭋oltage  High Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE4353 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE4353 Datasheet HTML 1Page - ON Semiconductor MJE4353 Datasheet HTML 2Page - ON Semiconductor MJE4353 Datasheet HTML 3Page - ON Semiconductor MJE4353 Datasheet HTML 4Page - ON Semiconductor MJE4353 Datasheet HTML 5Page - ON Semiconductor MJE4353 Datasheet HTML 6Page - ON Semiconductor MJE4353 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJE4343 MJE4353
http://onsemi.com
3
Figure 2. Switching Times Test Circuit
+11 V
25
μs
0
−9.0 V
RB
−4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
3.0
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
IC/IB = 10
VCE = 30 V
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.2
0.5 0.7
5.0
2.0
1.0
3.0
20
Figure 3. Typical Turn−On Time
10
7.0
tr
0.3
Note: Reverse polarities to test PNP devices.
td @ VBE(off) = 5.0 V
5.0
IC, COLLECTOR CURRENT (AMP)
0.5
3.0
2.0
1.0
Figure 4. Turn−Off Time
0.7
0.2
0.5 0.7
5.0
2.0
0.3
1.0
3.0
20
10
7.0
TJ = 25°C
IC/IB = 10
IB1 = IB2
VCE = 30 V
ts
tf
2.0
0.2
IC, COLLECTOR CURRENT (AMP)
20
1.6
1.2
0.8
0.4
0
10
7.0
0.3
0.7
0.5
2.0
1.0
5.0
3.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. On Voltages
TYPICAL CHARACTERISTICS


Similar Part No. - MJE4353

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4353 MOSPEC-MJE4353 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4353 MOTOROLA-MJE4353 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
Savantic, Inc.
MJE4353 SAVANTIC-MJE4353 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJE4353 ISC-MJE4353 Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com