Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW4X2E5D1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW4X2E5D1E
Description  Xeon 5 Power White LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW4X2E5D1E Datasheet(HTML) 1 Page - OptoSupply International

  OSW4X2E5D1E Datasheet HTML 1Page - OptoSupply International OSW4X2E5D1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER A.0
X
Xe
eo
on
n 5
5 P
Po
ow
we
er
r W
Wh
hiitte
e L
LE
ED
D
OSXXX2E5D1E
VER C.0
Features
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Absolute Maximum Rating
(Ta=25℃)
Directivity
0
0
*Pulse width Max.10ms Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25℃)
VF (V)
Per Segment or (Dp)
IR(µA)
CCT
(K)
Luminous Flux
Φ
v (lm)
λD(nm)
2θ1/2
(deg)
Min.
Typ. Max.
Max.
Typ
Min Typ. Max. Min. Typ. Max.
Part Number
Color
IF=1400mA
VR=10V
IF=1400mA
OSW4X2E5D1E
Pure White W4
6.5
7.0
8.0
10
6500
300 320
-
X=0.31 ,Y=0.33
OSM5X2E5D1E
Warm White M5
6.5
7.0
8.0
10
3000
280 300
-
X=0.45,Y=0.41
125
Value
Item
Symbol
White/ Warm white
Unit
DC Forward Current
IF
1600
mA
Pulse Forward Current*
IFP
2000
mA
Reverse Voltage
VR
10
V
Power Dissipation
PD
6400
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 3 emitter series.
LED & Application Technologies
Anode(+)
Cathode(-)
2.0
14.5
5.5
3.6
BackView
Unit:mm
Tolerance:±0.30mm
Anode
Cathode


Similar Part No. - OSW4X2E5D1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4X2E5E1E OPTOSUPPLY-OSW4X2E5E1E Datasheet
172Kb / 2P
   Xeon 5 Power White LED
More results

Similar Description - OSW4X2E5D1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXXXDE5D1E OPTOSUPPLY-OSXXXDE5D1E Datasheet
181Kb / 2P
   Xeon 5 Power White LED
OSXXXDE5E1E OPTOSUPPLY-OSXXXDE5E1E Datasheet
172Kb / 2P
   Xeon 5 Power White LED
OSXXX2E5D1E_VER.C.2 OPTOSUPPLY-OSXXX2E5D1E_VER.C.2 Datasheet
174Kb / 2P
   xeon 5 power white led
OSXXX2E5E1E_VER.C.2 OPTOSUPPLY-OSXXX2E5E1E_VER.C.2 Datasheet
169Kb / 2P
   xeon 5 power white led
OSXXXDE5D1E_VER.C.2 OPTOSUPPLY-OSXXXDE5D1E_VER.C.2 Datasheet
179Kb / 2P
   xeon 5 power white led
OSXXX2E5E1E OPTOSUPPLY-OSXXX2E5E1E Datasheet
172Kb / 2P
   Xeon 5 Power White LED
OSXXXDE5E1E_VER.C.2 OPTOSUPPLY-OSXXXDE5E1E_VER.C.2 Datasheet
168Kb / 2P
   xeon power white led
OSM5Z3E1E1S_VER.C.2 OPTOSUPPLY-OSM5Z3E1E1S_VER.C.2 Datasheet
115Kb / 1P
   xeon 1 power warm white led
OSW4XMEHC1E OPTOSUPPLY-OSW4XMEHC1E Datasheet
166Kb / 1P
   Xeon H Power Cool White LED
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
   Xeon 3 Power Warm White LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com