Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD07MVS2 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RD07MVS2
Description  RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD07MVS2 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button RD07MVS2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD07MVS2 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Silicon RF Power Semiconductors
RD07MVS2
RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2
17 Aug 2010
8/10
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RD07MVS2 S-PARAMETER DATA ( Vdd=7.2V, Id=750mA)
Freq.
[MHz]
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
100
0.899
-175.3
5.567
79.3
0.015
-9.4
0.792
-173.5
150
0.903
-177.2
3.576
71.1
0.015
-17.0
0.790
-175.1
175
0.903
-177.7
3.002
68.3
0.014
-18.8
0.799
-174.8
200
0.909
-178.4
2.602
65.1
0.015
-22.7
0.823
-174.7
250
0.911
-179.0
1.987
58.3
0.014
-28.8
0.829
-175.4
300
0.919
-179.6
1.585
53.4
0.012
-32.8
0.842
-175.7
350
0.923
179.7
1.291
47.9
0.012
-37.7
0.866
-176.3
400
0.927
178.9
1.062
43.4
0.011
-39.8
0.864
-176.5
450
0.931
178.5
0.902
39.1
0.010
-38.9
0.887
-177.3
500
0.934
177.8
0.749
35.7
0.009
-40.4
0.896
-177.8
520
0.939
177.6
0.715
33.6
0.008
-43.4
0.895
-177.8
550
0.940
177.3
0.656
31.6
0.008
-41.3
0.901
-178.3
600
0.942
176.8
0.576
29.9
0.007
-52.0
0.916
-179.4
650
0.944
176.2
0.502
26.0
0.007
-45.6
0.914
-179.4
700
0.948
175.6
0.437
24.4
0.006
-52.8
0.925
179.7
750
0.948
175.4
0.393
21.7
0.004
-58.3
0.929
179.3
800
0.950
174.7
0.344
18.8
0.005
-53.1
0.927
178.9
850
0.953
174.3
0.303
17.0
0.004
-51.4
0.937
178.2
900
0.951
174.1
0.279
15.1
0.003
-52.0
0.931
178.2
950
0.954
173.5
0.243
12.6
0.003
-40.6
0.937
177.4
1000
0.954
173.2
0.236
10.9
0.002
-21.3
0.942
177.4
1050
0.956
172.9
0.201
12.4
0.001
-44.2
0.941
177.2
1100
0.956
172.7
0.193
9.8
0.002
-13.4
0.943
176.7
S11
S21
S12
S22


Similar Part No. - RD07MVS2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MVS2 MITSUBISHI-RD07MVS2 Datasheet
279Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results

Similar Description - RD07MVS2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_11 Datasheet
446Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_11 Datasheet
453Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_10 Datasheet
213Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD02MUS1 MITSUBISHI-RD02MUS1_10 Datasheet
230Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_10 Datasheet
219Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1 MITSUBISHI-RD02MUS1_11 Datasheet
443Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2_11 Datasheet
458Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2 Datasheet
287Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_11 Datasheet
457Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com