Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD07MUS2B Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # RD07MUS2B
Description  RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz 7W
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD07MUS2B Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button RD07MUS2B Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 10Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 11Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 12Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 13Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 14Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Silicon RF Power Semiconductors
RD07MUS2B
RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz
7W
RD07MUS2B
23 Dec 2010
11/17
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Input / Output Impedance VS. Frequency Characteristics
f
Zin*
(MHz)
(ohm)
450
2.62+j2.02
490
2.90+j3.07
520
3.29+j3.70
527
3.40+j3.81
Zin*: Complex conjugate of
input impedance
Zo=10ohm
f=450MHz
f=490MHz
f=527MHz
@Pin=0.4W, Vdd=7.2V,
Idq=250mA(Vgg adj.)
f=520MHz
f
Zout*
(MHz)
(ohm)
450
2.80+j1.07
490
2.25+j0.75
520
1.51+j1.04
527
1.36+j1.20
Zout*: Complex conjugate of
output impedance
Zo=10ohm
f=450MHz
f=485MHz
f=527MHz
@Pin=0.4W, Vdd=7.2V,
Idq=250mA(Vgg adj.)
f=520MHz
Zout* ( f=450, 490, 520, 527MHz)
Zin* ( f=450, 490, 520, 527MHz )


Similar Part No. - RD07MUS2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
847Kb / 18P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz,7W
RD07MUS2B MITSUBISHI-RD07MUS2B_11 Datasheet
847Kb / 18P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz,7W
More results

Similar Description - RD07MUS2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MUS2B MITSUBISHI-RD07MUS2B_11 Datasheet
847Kb / 18P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_10 Datasheet
219Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_11 Datasheet
446Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_11 Datasheet
453Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_10 Datasheet
213Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
RD01MUS2B MITSUBISHI-RD01MUS2B Datasheet
2Mb / 15P
   RoHS Compliance, Silicon MOSFET Power Transistor 527MHz,1W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com