Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD06HVF1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RD06HVF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD06HVF1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RD06HVF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD06HVF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicon RF Power Semiconductors
RD06HVF1
RoHS Compliance,
Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1
6 Jul 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
Vgs-Ids CHARACTORISTICS 2
0
1
2
3
4
5
024
68
10
Vgs(V)
Vds=10V
Tc=-25~+75°C
-25°C
+75°C
+25°C
Vgs-
gm CHARACTORISTICS
0.0
0.5
1.0
1.5
2.0
01
23
4
5
67
89
Vgs(V)
Vds=10V
Tc=-25~+75°C
-25°C
+75°C
+25°C
Pin-Po CHARACTERISTICS
0
10
20
30
40
50
0
5
10
15
20
25
30
Pin(dBm)
0
20
40
60
80
100
Ta=+25°C
f=175MHz
Vdd=12.5V
Idq=0.3A
Po
ηd
Idd
Gp
Pin-Po CHARACTERISTICS
0
2
4
6
8
10
12
14
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Pin(W)
30
40
50
60
70
80
90
100
Po
ηd
Idd
Ta=25°C
f=175MHz
Vdd=12.5V
Idq=0.3A
Vdd-Po CHARACTERISTICS
0
2
4
6
8
10
12
14
16
46
8
10
12
14
Vdd(V)
0
1
2
3
4
Idd
Ta=25°C
f=175MHz
Pin=0.3W
Idq=0.3A
Zg=ZI=50 ohm
Po


Similar Part No. - RD06HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1-101 MITSUBISHI-RD06HVF1-101 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
More results

Similar Description - RD06HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com