Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD06HHF1 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RD06HHF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD06HHF1 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RD06HHF1_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD06HHF1_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silicon RF Power Semiconductors
RD06HHF1
RoHS Compliance,
Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1
6 Jul 2010
5/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TEST CIRCUIT(f=30MHz)
L4:6Turns,I.D5.6mm,D0.9mm copper wire
C2:470pF*2 in parallel
67
75
C2
C2
L5
100pF
1ohm
L3
220pF
56pF
1Kohm
L3:5Turns,I.D5.6mm,D0.9mm copper wire
L2:10Turns,I.D6mm,D1.6mm silver plated copper wire
L2
L1
8.2Kohm
65
46
18
1.5
Dimensions:mm
RF-IN
Vdd
Vgg
L1:10Turns,I.D8mm,D0.9mm copper wire
330uF,50V
C1
RF-OUT
C1:100pF, 0.022uF, 0.1uF in parallel
Note:Board material- teflon substrate
micro strip line width=4.2mm/50ohm,er:2.7,t=1.6mm
36
42
45
5
16
35
220pF
100pF
C1
C1
10uF,50V*3pcs
C1
75
91
150/120pF
200/200pF
56pF
L6
77.5
100
L5:4Turns,I.D5.6mm,D0.9mm copper wire P=0.5mm
84pF
30pF
100pF
L4
91
100
L6:7Turns,I.D5.6mm,D0.9mm copper wire
88


Similar Part No. - RD06HHF1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
More results

Similar Description - RD06HHF1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
157Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD100HHF1 MITSUBISHI-RD100HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
204Kb / 7P
   Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com