Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD05MMP1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RD05MMP1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD05MMP1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RD05MMP1_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicon RF Power Semiconductors
RD05MMP1
RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1
17 Aug 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TEST CIRCUIT (f=941MHz)
:Spring (gilding),X:3mm Y:2.5mm
C:GRM39, " * " Mark C;GRM708
6mm
2pF*
8mm
3mm
12pF*
L:43.7nH,6Turns,D:0.43mm,2.46mm(outside diameter)
2pF*
W
W
RD05MMP1
21mm
4mm
9pF
L
1pF
RF-in
130pF
130pF
Vdd
Vgg
19mm
12mm
0.5mm
20mm
C1
4.7K Ohm
C2
22uF,50V
RF-out
19mm
W:Line width=1.0mm
Note:Board material= Teflon Substrate
Micro strip line width=2.2mm/50OHM,er=2.6,t=0.8mm
941MHz
C1,C2:100pF,1000pF in parallel
9pF


Similar Part No. - RD05MMP1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
More results

Similar Description - RD05MMP1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
128Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com