Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD01MUS1 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RD01MUS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD01MUS1 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RD01MUS1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD01MUS1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD01MUS1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD01MUS1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD01MUS1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD01MUS1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD01MUS1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Silicon RF Power Semiconductors
RD01MUS1
RoHS Compliance,
Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1
17 Aug 2010
7/7
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but
there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire
or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate
measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against
any malfunction or mishap.
Keep safety first in your circuit designs !
- These materials are intended as a reference to assist our customers in the selection of the Mitsubishi semiconductor product
best suited to the customer’s application; they do not convey any license under any intellectual property rights, or any other
rights, belonging to Mitsubishi Electric Corporation or a third party.
- Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any third-party’s rights, originating
in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these
materials.
- All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents
information on products at the time of publication of these materials, and are subject to change by Mitsubishi Electric
Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact
Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for the latest product information
before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical
errors. Mitsubishi Electric Corporation assumes no responsibility for any damage, liability, or other loss rising from these
inaccuracies or errors. Please also pay attention to information published by Mitsubishi Electric Corporation by various means,
including the Mitsubishi Semiconductor home page (http://www.mitsubishichips.com).
- When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and
algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the
information and products. Mitsubishi Electric Corporation assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
- Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or system that is used
under circumstances in which human life is potentially at stake. Please contact Mitsubishi Electric Corporation or an authorized
Mitsubishi Semiconductor product distributor when considering the use of a product contained herein for any specific
purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use.
- The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in whole or in part these
materials.
- If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license
from the Japanese government and cannot be imported into a country other than the approved destination.
Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is
prohibited.
- Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for further details
on these materials or the products contained therein.
Notes regarding these


Similar Part No. - RD01MUS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
235Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_11 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
logo
Quanzhou Jinmei Electro...
RD01MUS1 JMNIC-RD01MUS1_15 Datasheet
239Kb / 6P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD01MUS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
235Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_11 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD09MUP2 MITSUBISHI-RD09MUP2_11 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD30HUF1 MITSUBISHI-RD30HUF1_11 Datasheet
573Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
RD60HUF1 MITSUBISHI-RD60HUF1_06 Datasheet
383Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,60W
RD70HVF1 MITSUBISHI-RD70HVF1 Datasheet
414Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz70W 520MHz,50W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com