Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA60H4047M1-101 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA60H4047M1-101
Description  400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA60H4047M1-101 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA60H4047M1-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA60H4047M1-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
<
Silicon RF Power Modules >
RA60H4047M1
RoHS Compliance, 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Publication Date :Apr.2011
5
OUTLINE DRAWING (mm)
44±1
56±1
49.8±1
67±1
60±1
2-R2±0.5
17±1
12.5±1
0.6±0.2
1
RF Input (Pin )
2
Gate Voltage(VGG)
3
Drain Voltage (VDD)
4
RF Output (Pout)
5
RF Ground (Case)


Similar Part No. - RA60H4047M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H4047M1-101 MITSUBISHI-RA60H4047M1-101 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1-101 MITSUBISHI-RA60H4047M1-101 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA60H4047M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA60H3847M1 MITSUBISHI-RA60H3847M1 Datasheet
305Kb / 11P
   RoHS Compliance, 378-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_10 Datasheet
101Kb / 9P
   400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_10 Datasheet
102Kb / 9P
   400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com