Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR7030WTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR7030WTG
Description  SWITCHMODE Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR7030WTG Datasheet(HTML) 1 Page - ON Semiconductor

  MBR7030WTG Datasheet HTML 1Page - ON Semiconductor MBR7030WTG Datasheet HTML 2Page - ON Semiconductor MBR7030WTG Datasheet HTML 3Page - ON Semiconductor MBR7030WTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 3
1
Publication Order Number:
MBR7030WT/D
MBR7030WT
SWITCHMODEt
Power Rectifier
The SWITCHMODE power rectifier, a state−of−the−art device,
employs the use of the Schottky Barrier principle with a Platinum
barrier metal.
Features
Dual Diode Construction; Terminals 1 and 3 May Be Connected for
Parallel Operation at Full Rating
30 V Blocking Voltage
Low Forward Voltage Drop
Guardring for Stress Protection and High dv/dt Capability
175°C Operating Junction Temperature
Pb−Free Package is Available*
Mechanical Characteristics
Case: Epoxy, Molded. Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 4.3 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
ESD Ratings: Machine Model, B (< 400 V)
Human Body Model, 3B (> 8000 V)
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Average Rectified Forward Current
(Rated VR, TC = 100°C)
Per Leg
Per Device
IF(AV)
35
70
A
Peak Repetitive Forward Current,
(Rated VR, Square Wave,
20 kHz, TC = 100°C)
IFRM
70
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
500
A
Peak Repetitive Reverse Current
(2.0 ms, 1.0 kHz)
IRRM
2.0
A
Storage Temperature Range
Tstg
−55 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−55 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−247
CASE 340L
STYLE 2
2
1
SCHOTTKY BARRIER
RECTIFIER
70 AMPERES, 30 VOLTS
1
3
2, 4
3
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
MBR7030WT
TO−247
30 Units/Rail
MBR7030WTG
TO−247
(Pb−Free)
30 Units/Rail
MARKING DIAGRAM
MBR7030WT
AYWWG


Similar Part No. - MBR7030WTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR7030WTG ONSEMI-MBR7030WTG Datasheet
58Kb / 4P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com