Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JM3T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DTC123JM3T5G
Description  Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC123JM3T5G Datasheet(HTML) 3 Page - ON Semiconductor

  DTC123JM3T5G Datasheet HTML 1Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 2Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 3Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 4Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 5Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 6Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 7Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 8Page - ON Semiconductor DTC123JM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DTC114EM3T5G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
DTC114EM3T5G
(VEB = 6.0 V, IC = 0)
DTC124EM3T5G
DTC144EM3T5G
DTC114YM3T5G
DTC114TM3T5G
DTC143TM3T5G
DTC123EM3T5G
DTC143EM3T5G
DTC143ZM3T5G
DTC124XM3T5G
DTC123JM3T5G
DTC115EM3T5G
DTC144WM3T5G
DTC144TM3T5G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
0.2
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
DTC114EM3T5G
(VCE = 10 V, IC = 5.0 mA)
DTC124EM3T5G
DTC144EM3T5G
DTC114YM3T5G
DTC114TM3T5G
DTC143TM3T5G
DTC123EM3T5G
DTC143EM3T5G
DTC143ZM3T5G
DTC124XM3T5G
DTC123JM3T5G
DTC115EM3T5G
DTC144WM3T5G
DTC144TM3T5G
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
160
60
100
140
140
350
350
15
30
200
150
140
150
140
350
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
DTC123EM3T5G
(IC = 10 mA, IB = 1 mA)
DTC143TM3T5G/DTC114TM3T5G/
DTC143EM3T5G/DTC143ZM3T5G/
DTC124XM3T5G/DTC144TM3T5G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
DTC114EM3T5G
DTC124EM3T5G
DTC114YM3T5G
DTC114TM3T5G
DTC143TM3T5G
DTC123EM3T5G
DTC143EM3T5G
DTC143ZM3T5G
DTC124XM3T5G
DTC123JM3T5G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
DTC144EM3T5G
DTC144TM3T5G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
DTC115EM3T5G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
DTC144WM3T5G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%.


Similar Part No. - DTC123JM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC123JM3T5G ONSEMI-DTC123JM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC123JM3T5G ONSEMI-DTC123JM3T5G Datasheet
130Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
August, 2012 ??Rev. 0
DTC123JM3T5G ONSEMI-DTC123JM3T5G Datasheet
110Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
August, 2015 ??Rev. 3
DTC123JM3T5G ONSEMI-DTC123JM3T5G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - DTC123JM3T5G

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com