Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143TM3T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # DTC143TM3T5G
Description  Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC143TM3T5G Datasheet(HTML) 2 Page - ON Semiconductor

  DTC143TM3T5G Datasheet HTML 1Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 2Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 3Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 4Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 5Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 6Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 7Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 8Page - ON Semiconductor DTC143TM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DTC114EM3T5G Series
http://onsemi.com
2
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Package
Shipping
DTC114EM3T5G
8A
10
10
SOT−723
(Pb−Free)
8000/Tape & Reel
DTC124EM3T5G
8B
22
22
DTC144EM3T5G
8C
47
47
DTC114YM3T5G
8D
10
47
DTC114TM3T5G
8E
10
DTC143TM3T5G
8F
4.7
DTC123EM3T5G
8H
2.2
2.2
DTC143EM3T5G
8J
4.7
4.7
DTC143ZM3T5G*
8K
4.7
47
DTC124XM3T5G*
8L
22
47
DTC123JM3T5G
8M
2.2
47
DTC115EM3T5G
8N
100
100
DTC144WM3T5G*
8P
47
22
DTC144TM3T5G
8T
47
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Available upon request.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation,
FR−4 Board (Note 1) @ TA = 25°C
Derate above 25°C
PD
260
2.0
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
480
°C/W
Total Device Dissipation,
FR−4 Board (Note 2) @ TA = 25°C
Derate above 25°C
PD
600
4.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
205
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ minimum pad.
2. FR−4 @ 1.0 × 1.0 inch pad.


Similar Part No. - DTC143TM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC143TM3T5G ONSEMI-DTC143TM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC143TM3T5G ONSEMI-DTC143TM3T5G Datasheet
128Kb / 10P
   Digital Transistors (BRT) R1 = 4.7 k, R2 =  k
February, 2013 ??Rev. 1
DTC143TM3T5G ONSEMI-DTC143TM3T5G Datasheet
137Kb / 11P
   NPN Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 1
DTC143TM3T5G ONSEMI-DTC143TM3T5G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results

Similar Description - DTC143TM3T5G

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com