Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D44H11G Datasheet(PDF) 3 Page - ON Semiconductor

Part # D44H11G
Description  Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D44H11G Datasheet(HTML) 3 Page - ON Semiconductor

  D44H11G Datasheet HTML 1Page - ON Semiconductor D44H11G Datasheet HTML 2Page - ON Semiconductor D44H11G Datasheet HTML 3Page - ON Semiconductor D44H11G Datasheet HTML 4Page - ON Semiconductor D44H11G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D44H Series (NPN),
http://onsemi.com
3
Figure 1. D44H11 DC Current Gain
Figure 2. D45H11 DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.01
10
100
1000
10
1
0.1
0.01
10
100
1000
VCE = 1 V
125
°C
Figure 3. D44H11 DC Current Gain
Figure 4. D45H11 DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.01
10
100
1000
10
1
0.1
0.01
10
100
1000
VCE = 5 V
Figure 5. D44H11 ON-Voltage
Figure 6. D45H11 ON-Voltage
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0
0.05
0.40
10
1
0.1
0
0.1
0.3
0.6
VCE(sat) @ IC/IB = 10
-40
°C
25
°C
VCE = 1 V
125
°C
-40
°C
25
°C
125
°C
-40
°C
25
°C
VCE = 5 V
125
°C
-40
°C
25
°C
125
°C
-40
°C
25
°C
0.10
0.15
0.20
0.25
0.30
0.35
0.2
0.5
0.4
VCE(sat) @ IC/IB = 10
125
°C
-40
°C
25
°C


Similar Part No. - D44H11G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D44H11G ONSEMI-D44H11G Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
D44H11G ONSEMI-D44H11G Datasheet
102Kb / 5P
   Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
More results

Similar Description - D44H11G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com