Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUD42D Datasheet(PDF) 3 Page - ON Semiconductor

Part No. BUD42D
Description  High Speed, High Gain Bipolar NPN Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BUD42D Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BUD42D
http://onsemi.com
3
TYPICAL STATIC CHARACTERISTICS
Figure 1. DC Current Gain @ VCE = 1 V
100
10
1
10
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = -20°C
Figure 2. DC Current Gain @ VCE = 5 V
100
10
1
10
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 3. Collector Saturation Region
3
2
0
10
0.1
0.01
0.001
IB, BASE CURRENT (AMPS)
IC = 0.2 A
Figure 4. Collector−Emitter Saturation Voltage
10
1
0.01
10
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = -20°C
IC/IB = 5
1
TJ = 25°C
1 A
1.5 A
2 A
Figure 5. Collector−Emitter Saturation Voltage
100
1
0.01
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 6. Collector−Emitter Saturation Voltage
10
1
0.01
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
TJ = 25°C
TJ = -20°C
1
IC/IB = 8
TJ = 125°C
TJ = 25°C
TJ = -20°C
IC/IB = 10
0.4 A
TJ = 125°C
TJ = 25°C
TJ = -20°C
1
0.1
0.1
1
0.1
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn