Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUD42D Datasheet(PDF) 1 Page - ON Semiconductor

Part No. BUD42D
Description  High Speed, High Gain Bipolar NPN Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD42D Datasheet(HTML) 1 Page - ON Semiconductor

  BUD42D_11 Datasheet HTML 1Page - ON Semiconductor BUD42D_11 Datasheet HTML 2Page - ON Semiconductor BUD42D_11 Datasheet HTML 3Page - ON Semiconductor BUD42D_11 Datasheet HTML 4Page - ON Semiconductor BUD42D_11 Datasheet HTML 5Page - ON Semiconductor BUD42D_11 Datasheet HTML 6Page - ON Semiconductor BUD42D_11 Datasheet HTML 7Page - ON Semiconductor BUD42D_11 Datasheet HTML 8Page - ON Semiconductor BUD42D_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Publication Order Number:
BUD42D/D
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 5
1
BUD42D
High Speed, High Gain
Bipolar NPN Transistor with
Antisaturation Network and
Transient Voltage
Suppression Capability
The BUD42D is a state−of−the−art bipolar transistor. Tight dynamic
characteristics and lot to lot minimum spread make it ideally suitable
for light ballast applications.
Features
Free−Wheeling Diode Built−In
Flat DC Current Gain
Fast Switching Times and Tight Distribution
“6 Sigma” Process Providing Tight and Reproducible Parameter
Spreads
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings:
Machine Model, C; >400 V
Human Body Model, 3B; >8000 V
These are Pb−Free Packages
Two Versions
BUD42D−1: Case 369D for Insertion Mode
BUD42D, BUD42DT4: Case 369C for Surface Mount Mode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Sustaining Voltage
VCEO
350
Vdc
Collector−Base Breakdown Voltage
VCBO
650
Vdc
Collector−Emitter Breakdown Voltage
VCES
650
Vdc
Emitter−Base Voltage
VEBO
9
Vdc
Collector Current − Continuous
− Peak (Note 1)
IC
ICM
4.0
8.0
Adc
Base Current − Continuous
− Peak (Note 1)
IB
IBM
1.0
2.0
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25_C
PD
25
0.2
W
W/_C
Operating and Storage Temperature
TJ, Tstg
−65 to
+150
_C
TYPICAL GAIN
Typical Gain @ IC = 1 A, VCE = 2 V
Typical Gain @ IC = 0.3 A, VCE = 1 V
hFE
hFE
13
16
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle = 10%10
4 AMPERES
650 VOLTS, 25 WATTS
POWER TRANSISTOR
A
= Assembly Location
Y
= Year
WW
= Work Week
BUD43D = Device Code
G
= Pb−Free Package
http://onsemi.com
1
Base
3
Emmitter
2
Collector
4
Collector
DPAK
CASE 369C
STYLE 1
MARKING
DIAGRAMS
1 2
3
4
DPAK
CASE 369D
STYLE 1
1
2
3
4
1
Base
3
Emmitter
2
Collector
4
Collector
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn