Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUD42D Datasheet(PDF) 7 Page - ON Semiconductor

Part No. BUD42D
Description  High Speed, High Gain Bipolar NPN Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD42D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button BUD42D_11 Datasheet HTML 3Page - ON Semiconductor BUD42D_11 Datasheet HTML 4Page - ON Semiconductor BUD42D_11 Datasheet HTML 5Page - ON Semiconductor BUD42D_11 Datasheet HTML 6Page - ON Semiconductor BUD42D_11 Datasheet HTML 7Page - ON Semiconductor BUD42D_11 Datasheet HTML 8Page - ON Semiconductor BUD42D_11 Datasheet HTML 9Page - ON Semiconductor BUD42D_11 Datasheet HTML 10Page - ON Semiconductor BUD42D_11 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BUD42D
http://onsemi.com
7
tfi
TYPICAL SWITCHING CHARACTERISTICS
Figure 23. Inductive Storage Time, tsi
1
2
1
0
IC, COLLECTOR CURRENT (AMPS)
Figure 24. Forward Recovery Time, tfr
300
2
0.5
0
IF, FORWARD CURRENT (AMPS)
1.5
440
340
320
Figure 25. Dynamic Saturation Voltage
Measurements
Figure 26. Inductive Switching Measurements
10
0
4
0
TIME
8
4
2
3
2
1.5
0.5
1.5
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
TIME
68
2.5
IB 1 & 2 = 200 mA
500 mA
50 mA
100 mA
1
360
400
380
420
di/dt = 10 A/
ms, TC = 25°C
0 V
90% IB
VCE
IB
1
ms
3
ms
Dyn 1
ms
Dyn 3
ms
2
6
10% Vclamp
IB
IC
90% IB1
10% IC
Vclamp
tc
tsi
90% IC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn