Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUD42D Datasheet(PDF) 6 Page - ON Semiconductor

Part No. BUD42D
Description  High Speed, High Gain Bipolar NPN Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BUD42D Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BUD42D
http://onsemi.com
6
TYPICAL SWITCHING CHARACTERISTICS
Figure 17. Inductive Fall and Cross Over Time,
tfi and tc @ hFE = 5
100
2
1
0
IC, COLLECTOR CURRENT (AMPS)
Figure 18. Inductive Fall Time,
tfi @ hFE = 10
100
2
1
0.5
IC, COLLECTOR CURRENT (AMPS)
1.5
250
200
150
Figure 19. Inductive Cross Over Time,
tc @ hFE = 10
Figure 20. Inductive Storage Time, tsi
5
1
12
4
3
hFE, FORCED GAIN
4
3
2
5
Figure 21. Inductive Fall Time, tf
300
100
10
6
3
hFE, FORCED GAIN
Figure 22. Inductive Cross Over Time, tc
300
200
100
10
4
2
hFE, FORCED GAIN
8
200
6
48
400
300
200
0.5
1.5
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCE = 15 V
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
tfi
tc
TJ = 125°C
TJ = 25°C
200
2
1
0.5
IC, COLLECTOR CURRENT (AMPS)
1.5
500
400
300
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
7
68
10
911
IC = 1 A
IC = 0.3 A
7
59
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
IC = 1 A
IC = 0.3 A
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
IC = 1 A
IC = 0.3 A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn