Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUD42D Datasheet(PDF) 5 Page - ON Semiconductor

Part No. BUD42D
Description  High Speed, High Gain Bipolar NPN Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BUD42D Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BUD42D
http://onsemi.com
5
TYPICAL SWITCHING CHARACTERISTICS
Figure 11. Capacitance
1000
10
1
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. BVCER = f(RBE)
900
500
300
10000
100
10
RBE (W)
1000
800
600
400
100
Cib
Cob
TJ = 25°C
f(test) = 1 MHz
Figure 13. Resistive Switching, ton
800
300
0
2
1
0
IC, COLLECTOR CURRENT (AMPS)
Figure 14. Resistive Switching, toff
9
3
0
2
0.5
0
IC, COLLECTOR CURRENT (AMPS)
1.5
6
400
500
200
100
TJ = 125°C
TJ = 25°C
hFE = 5
IBon = IBoff
VCC = 300 V
PW = 40 ms
1
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 300 V
PW = 40 ms
Figure 15. Inductive Storage Time,
tsi @ hFE = 5
4
0
0
IC, COLLECTOR CURRENT (AMPS)
Figure 16. Inductive Storage Time,
tsi @ hFE = 10
4
2
2
1
0.5
IC, COLLECTOR CURRENT (AMPS)
1.5
3
1
3
2
1
IBon = IBoff
VCE = 15 V
VZ = 300 V
LC = 200 mH
700
600
700
TC = 25°C
0.5
1.5
hFE = 10
0.5
1
1.5
2
TJ = 25°C
TJ = 125°C
IBon = IBoff
VCE = 15 V
VZ = 300 V
LC = 200 mH
TJ = 25°C
TJ = 125°C
ICER = 10 mA
ICER = 100 mA
lC = 25 mH
hFE = 5
hFE = 10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn