Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA45H8994M1-101 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA45H8994M1-101
Description  896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H8994M1-101 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA45H8994M1-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H8994M1-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA45H8994M1
RA45H8994M1
25 Jun 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE2
versus GATE VOLTAGE2
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE2
versus GATE VOLTAGE2
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE2
versus GATE VOLTAGE2
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE2
versus GATE VOLTAGE2
0
10
20
30
40
50
60
012345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=896M Hz
V
DD=12.8V
V
GG1=3.4V
P
in=50m W
I DD
P
out (dBm )
P
out (W)
0
10
20
30
40
50
60
012
345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=915M Hz
V
DD=12.8V
V
GG1=3.4V
P
in=50m W
I DD
P
out (W)
P
out (dBm )
0
10
20
30
40
50
60
012345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=925MHz
V
DD=12.8V
V
GG1=3.4V
P
in=50m W
I DD
P
out (W)
P
out (dBm )
0
10
20
30
40
50
60
0
12345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=941M Hz
V
DD=12.8V
V
GG1=3.4V
P
in=50m W
I DD
P
out (W)
P
out (dBm )
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
12
14
16
18
P
out
f=925M Hz
V
GG1=3.4V
V
GG2=5V
P
in=50m W
I DD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
12
14
16
18
P
out
f=941M Hz
V
GG1=3.4V
V
GG2=5V
P
in=50m W
I DD
0
10
20
30
40
50
60
012345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=896M Hz
V
DD=12.8V
V
GG1=3.4V
P
in=4dBm
I DD
P
out (W)
P
out (dBm )
0
10
20
30
40
50
60
012
345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=915M Hz
V
DD=12.8V
V
GG1=3.4V
P
in=4dBm
I DD
P
out (W)
P
out (dBm )
0
10
20
30
40
50
60
012345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=925MHz
V
DD=12.8V
V
GG1=3.4V
P
in=4dBm
I DD
P
out (W)
P
out (dBm )
0
10
20
30
40
50
60
012
345
GATE VOLTAGE VGG2 (V)
0
2
4
6
8
10
12
f=941M Hz
V
DD=12.8V
V
GG1=3.4V
P
in=4dBm
I DD
P
out (W)
P
out (dBm )


Similar Part No. - RA45H8994M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H8994M1-101 MITSUBISHI-RA45H8994M1-101 Datasheet
178Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1-101 MITSUBISHI-RA45H8994M1-101 Datasheet
183Kb / 9P
   RF MOSFET MODULE 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1-101 MITSUBISHI-RA45H8994M1-101 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H8994M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H8994M1 MITSUBISHI-RA45H8994M1_11 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
178Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_08 Datasheet
183Kb / 9P
   RF MOSFET MODULE 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_10 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_11 Datasheet
255Kb / 10P
   RoHS Compliance, 763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1 Datasheet
168Kb / 9P
   RoHS Compliance, 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_10 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_08 Datasheet
173Kb / 9P
   RF MOSFET MODULE 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M Datasheet
68Kb / 8P
   896-902/ 935-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com