Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA35H1516M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA35H1516M
Description  154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA35H1516M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA35H1516M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA35H1516M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA35H1516M
RA35H1516M
25 Jun 2010
4/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTLINE DRAWING (mm)
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
12.0 ±1
16.5 ±1
43.5 ±1
55.5 ±1
66.0 ±0.5
60.0 ±0.5
51.5 ±0.5
3.0 ±0.3
7.25 ±0.8
2-R2 ±0.5
Ø0.45 ±0.15
5
1
2
3
4
(50.4)


Similar Part No. - RA35H1516M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
75Kb / 8P
   154-162MHz 40W 12.5V MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M-01 MITSUBISHI-RA35H1516M-01 Datasheet
75Kb / 8P
   154-162MHz 40W 12.5V MOBILE RADIO
RA35H1516M-101 MITSUBISHI-RA35H1516M-101 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA35H1516M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA35H1516M MITSUBISHI-RA35H1516M_11 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_06 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
75Kb / 8P
   154-162MHz 40W 12.5V MOBILE RADIO
RA33H1516M1 MITSUBISHI-RA33H1516M1 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA33H1516M1 MITSUBISHI-RA33H1516M1_11 Datasheet
200Kb / 9P
   RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A_11 Datasheet
213Kb / 10P
   136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com