Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA45H4045MR Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA45H4045MR
Description  400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H4045MR Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA45H4045MR_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silicon RF Power Semiconductors
RA45H4045MR
RoHS Compliance , 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045M
25 Jun 2010
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA45H4045MR is a 45-watt RF MOSFET Amplifier
Module for 12.5-volt mobile radios that operate in the 400- to
450-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the
drain and the RF input signal attenuates up to 60 dB. The output
power and drain current increase as the gate voltage increases.
With a gate voltage around 4V (minimum), output power and
drain current increases substantially. The nominal output power
becomes available at 4.5V (typical) and 5V (maximum). At
VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power
with the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD≅0 @ VDD=12.5V, VGG=0V)
• Pout>45W, ηT>35% @ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 400-450MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Reverse PIN type
• Linear operation is possible by setting the quiescent drain
current with the gate voltage and controlling the output power
with the input power
RoHS COMPLIANCE
• RA45H4045MR-101 is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the
lead in electronic Ceramic parts.
How ever ,it applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and
fluorescent tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA45H4045MR-101
Antistatic tray,
10 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
2
4
1
5
3
PACKAGE CODE: H2RS


Similar Part No. - RA45H4045MR_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H4045MR-101 MITSUBISHI-RA45H4045MR-101 Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR-101 MITSUBISHI-RA45H4045MR-101 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H4045MR_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_10 Datasheet
101Kb / 9P
   400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
M68769L MITSUBISHI-M68769L Datasheet
14Kb / 1P
   400-450MHz, 12.5V, 45W, FM MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
M57788MR MITSUBISHI-M57788MR Datasheet
123Kb / 3P
   430-450MHz, 12.5V, 45W, FM MOBILE RADIO
M57788M MITSUBISHI-M57788M Datasheet
123Kb / 3P
   430-450MHz, 12.5V, 45W, FM MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com