Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDMB200A6 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PDMB200A6
Description  200 A 600 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB200A6 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PDMB200A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB200A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB200A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDMB200A6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
─ 396 ─
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
順電圧
Peak Forward Voltage
VF
IF=200A, VGE=0V
1.9
2.4
V
逆回復時間
Reverse Recovery Time
trr
IF=200A, VGE=−10V
di/dt=200A/μs
0.15
0.25
μs
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
熱抵抗
Thermal Impedance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.16
℃/W
IGBT
Diode
0.38
項   目
Item
記号
Symbol
定 格 値
Rated Value
単位
Unit
順電流
Forward Current
IF
200
A
IFM
400
DC
1ms
■フリーホイーリングダイオードの特性 Free Wheeling Diode Ratings & Characteristics(TC=25℃)
■熱的特性 Thermal Characteristics
最大
Max.
標準
Typ.
最大
Max.
標準
Typ.


Similar Part No. - PDMB200A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB200A6 NIEC-PDMB200A6 Datasheet
108Kb / 3P
   IGBT MODULE Dual 200a 600V
More results

Similar Description - PDMB200A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB600A6 NIEC-PHMB600A6_1 Datasheet
150Kb / 4P
   600 A 600 V
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
   300 A 600 V
PDMB50A6 NIEC-PDMB50A6_1 Datasheet
147Kb / 4P
   50 A 600 V
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
   75 A 600 V
PHMB400A6 NIEC-PHMB400A6_1 Datasheet
146Kb / 4P
   400 A 600 V
PHMB300A6 NIEC-PHMB300A6_1 Datasheet
139Kb / 4P
   300 A 600 V
PDMB400A6 NIEC-PDMB400A6_1 Datasheet
147Kb / 4P
   400 A 600 V
logo
Eaton All Rights Reserv...
1BS104 EATON-1BS104 Datasheet
492Kb / 2P
   1BS104 modular fuse block, 600 V, 600 A
logo
Nihon Inter Electronics...
PHMB200BS12 NIEC-PHMB200BS12 Datasheet
276Kb / 3P
   IGBT 200 A 1200 V
logo
STMicroelectronics
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com