Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM1405HA Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDM1405HA
Description  140A 500V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDM1405HA Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDM1405HA Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDM1405HA Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDM1405HA Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
MOSFET
MOSFET
MOSFET
140A
140A
140A
140A 500V
500V
500V
500V
PDM1405HA
耐 圧・クラス
Grade
Rating
記 号
Symbol
PDM1405HA
単位
Unit
500
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
140(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
100(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
280(Tc=25℃)
A
全損失
Total Power Dissipation
PD
880(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base,AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PDM1405HA
PDM1405HA
PDM1405HA
PDM1405HA
質量 Approximate Weight :460g
最大定格
最大定格
最大定格
最大定格
Maximum Ratings


Similar Part No. - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
   MOSFET MODULE Dual 140A/500V
logo
Kyocera Kinseki Corpota...
PDM1405HA KSS-PDM1405HA Datasheet
464Kb / 3P
   Mosfet
logo
National Instruments Co...
PDM1405HA NI-PDM1405HA_15 Datasheet
100Kb / 3P
   MOSFET
More results

Similar Description - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
   MOSFET MODULE Dual 140A/500V
logo
Naina Semiconductor ltd...
140NSF NAINA-140NSF_17 Datasheet
144Kb / 2P
   Fast Recovery Diodes, 140A
140-NSFR NAINA-140-NSFR Datasheet
144Kb / 2P
   Fast Recovery Diodes, 140A
logo
Shindengen Electric Mfg...
P140LF4QL SHINDENGEN-P140LF4QL Datasheet
1Mb / 7P
   Power MOSFETs 40V, 140A, N-channel
P140LF4QLK SHINDENGEN-P140LF4QLK Datasheet
1Mb / 7P
   Power MOSFETs 40V, 140A, N-channel
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X140-120P1B DACO-CSRI2X140-120P1B Datasheet
377Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×140A
Feb 2023 Rev. 1.1
logo
Shindengen Electric Mfg...
P140LF4QNK SHINDENGEN-P140LF4QNK Datasheet
1Mb / 7P
   Power MOSFETs 40V, 140A, N-channel
P140LF4QN SHINDENGEN-P140LF4QN Datasheet
1Mb / 7P
   Power MOSFETs 40V, 140A, N-channel
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X140-065P1B DACO-CSRI2X140-065P1B Datasheet
1Mb / 4P
   SiC SCHOTTKY DIODE TYPE 2×140A
Feb 2023 Rev. 1.1
CSRI2X140-065P2B DACO-CSRI2X140-065P2B Datasheet
516Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×140A
May 2023 Rev. 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com