Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD244B Datasheet(PDF) 3 Page - ON Semiconductor

Part # BD244B
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD244B Datasheet(HTML) 3 Page - ON Semiconductor

  BD244B Datasheet HTML 1Page - ON Semiconductor BD244B Datasheet HTML 2Page - ON Semiconductor BD244B Datasheet HTML 3Page - ON Semiconductor BD244B Datasheet HTML 4Page - ON Semiconductor BD244B Datasheet HTML 5Page - ON Semiconductor BD244B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BD243B, BD243C* (NPN) BD244B, BD244C* (PNP)
http://onsemi.com
3
Figure 2. Switching Time Test Circuit
2.0
0.06
Figure 3. Turn-On Time
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.1
0.07
0.02
0.1
0.2
0.4
0.6
2.0
6.0
td @ VBE(off) = 5.0 V
TJ = 25°C
VCC = 30 V
IC/IB = 10
+ 11 V
0
VCC
- 30 V
SCOPE
RB
- 4 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
tr
0.03
0.05
1.0
4.0
D1 MUST BE FAST RECOVERY TYPE eg.
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
ms
- 9.0 V
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
0.2
Figure 4. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RqJC(max) = 1.92°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
SINGLE
PULSE
0.03
0.3
3.0
30
300
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
CURVES APPLY BELOW RATED VCEO
10
5.0
Figure 5. Active Region Safe Operating Area
5.0
1.0
0.1
10
20
60
100
TJ = 150°C
BD243B, BD244B
BD243C, BD244C
5.0 ms
0.5 ms
0.2
2.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
3.0
0.3
40
80
1.0
ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC - VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150°C: TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150°C, TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - BD244B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD244B MOSPEC-BD244B Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Comset Semiconductor
BD244B COMSET-BD244B Datasheet
91Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Motorola, Inc
BD244B MOTOROLA-BD244B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD244B ONSEMI-BD244B Datasheet
147Kb / 6P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 13
BD244B ONSEMI-BD244B Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
More results

Similar Description - BD244B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com