Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL4340 Datasheet(PDF) 11 Page - Intersil Corporation

Part No. EL4340
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL4340 Datasheet(HTML) 11 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FIGURE 22. APPLICATION SHOWING THREE YPBPR CHANNELS AND ONE RGB+HV CHANNEL
Pb1
Pb2
Pb3
G
Pr1
Pr2
Pr3
B
INOA
IN1A
IN2A
IN3A
INOB
IN1B
IN2B
IN3B
INOC
IN1C
IN2C
IN3C
31
1
7
12
29
3
9
14
27
5
10
16
EL4342IL
S0
S1
H SYNC
V SYNC
18
17
OUTC 19
20
OUTB
OUTA 22
V-
V+
5V
-5V
0.1µF 0.1µF
1nF
1nF
Y1
Y2
Y3
R
R1
75Ω
R2
75Ω
R3
75Ω
R5
75Ω
R7
75Ω
R9
75Ω
R4
75Ω
R6
75Ω
R8
75Ω
R11
75Ω
R10
75Ω
R12
75Ω
GNDA
GNDB
GNDC
NIC
NIC
NIC
NIC
NIC
NIC
NIC
NIC
32
6
11
2
4
8
13
15
24
28
30
ISL84517IH-T
COM
1
NC
2
V-
V+
5V
-5V
0.1µF 0.1µF
1nF
1nF
IN
4
NC7ST00P5X
OUT
4
INPUT
1
INPUT 2
5V
0.1µF
1nF
5V
GND
23
21
ENABLE
LOGIC INPUTS
25
HIZ 26
R16
500Ω
R17
500Ω
R18
500Ω
3
5
3
5
ISL84517IH-T
COM
1
NC 2
V-
V+
5V
-5V
0.1µF 0.1µF
1nF
1nF
IN
4
3
5
SC70
SOT-23
SOT-23
QFN
OPTIONAL SCHOTTKY PROTECTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn