Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL4340 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. EL4340
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL4340 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7421.3
October 18, 2010
FIGURE 3. 0.1DB GAIN vs FREQUENCY
FIGURE 4. ROUT vs FREQUENCY
FIGURE 5. EL4340 TRANSIENT RESPONSE
FIGURE 6. EL4342 TRANSIENT RESPONSE
FIGURE 7. EL4340 CROSSTALK AND OFF-ISOLATION
FIGURE 8. EL4342 CROSSTALK AND OFF-ISOLATION
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
10
100
1k
FREQUENCY (MHz)
SOURCE POWER = -20dBm
-0.7
-0.6
-0.4
-0.3
-0.1
0.0
0.1
-0.2
-0.5
1
CL = 4.7pF
CL = 1.5pF
0.2
-0.8
100
10
1
0.1
0.1
1
10
100
1k
FREQUENCY (MHz)
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL = 1.5pF
RL = 500Ω
0.8
-0.8
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL = 1.5pF
RL = 500Ω
-0.8
0.8
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1k
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
0
-20
-40
-60
-80
-100
OFF ISOLATION
INPUT X TO OUTPUT X
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1k
-70
-90
0
-20
-40
-60
-80
-100
OFF ISOLATION
INPUT X TO OUTPUT X
INPUT X TO OUTPUT Y
CROSSTALK
EL4340, EL4342


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn