Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL4340 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. EL4340
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL4340 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN7421.3
October 18, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital & Analog Input Current (Note 6) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical)
θJA (°C/W)θJC (°C/W)
32 Ld QFN Package (Notes 4, 5). . . . .
35
1.3 to 8
24 Ld QSOP Package (Note 4) . . . . . .
88
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, Input Video = 1VP-P and RL = 500Ω to GND, CL = 5pF unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
+IS Enabled
Enabled Supply Current (EL4340)
No load, VIN = 0V, Enable Low
26
30
34
mA
Enabled Supply Current (EL4342)
39
46
50
mA
-IS Enabled
Enabled Supply Current (EL4340)
No load, VIN = 0V, Enable Low
-32
-30
-24
mA
Enabled Supply Current (EL4342)
-48
-46
-36.5
mA
+IS Disabled
Disabled Supply Current (EL4340)
No load, VIN = 0V, Enable High
2.3
2.8
3.3
mA
Disabled Supply Current (EL4342)
No load, VIN = 0V, Enable High
3
3.5
4
mA
-IS Disabled
Disabled Supply Current
No load, VIN = 0V, Enable High
10
100
µA
VOUT
Positive and Negative Output Swing
VIN = ±3.5V, RL = 500Ω
±3.1
±3.4
V
IOUT
Output Current
RL = 10Ω to GND
±80
±135
mA
VOS
Output Offset Voltage (EL4340)
-15
7
+15
mV
VOS
Output Offset Voltage (EL4342)
-10
+10
mV
Ib
Input Bias Current
VIN = 0V
-1
-2
-3
µA
ROUT
HIZ Output Resistance
HIZ = Logic High
1.4
M
Ω
ROUT
Enabled Output Resistance
HIZ = Logic Low
0.2
Ω
RIN
Input Resistance
VIN = ±3.5V
10
M
Ω
ACL or AV
Voltage Gain
VIN = ±1.5V, RL= 500Ω
0.98
0.99
1.02
V/V
ITRI
Output Current in Three-state
VOUT = 0V
8
15
22
µA
LOGIC
VIH
Input High Voltage (Logic Inputs)
2
V
VIL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
VH = 5V
215
270
320
µA
IIL
Input Low Current (Logic Inputs)
VL = 0V
2
3
µA
EL4340, EL4342


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn