Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H2127M-101 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA30H2127M-101
Description  210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H2127M-101 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA30H2127M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H2127M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA30H2127M
RA30H2127M
24 Jun 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
10
20
30
40
50
60
22.5
33.5
44.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=210MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=270MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
2
2.5
3
3.5
4
4.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=240MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
22.5
33.5
44.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=270MHz,
VDD=12.5V,
VGG=5V
IDD


Similar Part No. - RA30H2127M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
171Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA30H2127M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H2127M MITSUBISHI-RA30H2127M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M Datasheet
61Kb / 8P
   210-270MHz 30W 12.5V MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_10 Datasheet
96Kb / 9P
   66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_10 Datasheet
157Kb / 10P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_10 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_10 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
M68706 MITSUBISHI-M68706 Datasheet
85Kb / 2P
   250-270MHz, 12.5V, 30W, FM MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com