Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA20H8087M-101 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA20H8087M-101
Description  806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA20H8087M-101 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA20H8087M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA20H8087M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA20H8087M
RA20H8087M
24 Jun 2010
2/10
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
40
W
Tcase(OP)
Operation Case Temperature Range
f=806-870MHz,
ZG=ZL=50Ω
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
806
-
870
MHz
Pout
Output Power
VDD=12.5V, VGG=5V, Pin=50mW
20
-
-
W
η
T
Total Efficiency
25
-
-
%
2fo
2
nd Harmonic
-
-
-30
dBc
ρ
in
Input VSWR
-
-
3:1
IGG
Gate Current
Pout=20W(VGG control)
VDD=12.5V
Pin=50mW
-
1
-
mA
Stability
VDD=10.0-15.5V, Pin=25-70mW,
Pout=1 to 25W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Pout=20W (VGG control),
Load VSWR=8:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA20H8087M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA20H8087M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760LC MITSUBISHI-M67760LC Datasheet
53Kb / 4P
   806-870MHz, 12.5V, 20W, FM MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_10 Datasheet
97Kb / 9P
   896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M Datasheet
68Kb / 8P
   896-902/ 935-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_10 Datasheet
147Kb / 9P
   806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com