Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA18H1213G-101 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA18H1213G-101
Description  1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA18H1213G-101 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA18H1213G-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA18H1213G
RA18H1213G
24 Jun 2010
2/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V, ZG=ZL=50Ω
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW, ZG=ZL=50Ω
6
V
Pin
Input Power
300
mW
Pout
Output Power
30
W
Tcase(OP)
Operation Case Temperature Range
f=1.24-1.30GHz,
ZG=ZL=50Ω
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
1.24
-
1.30
GHz
Pout
Output Power
18
-
-
W
η
T
Total Efficiency
20
-
-
%
2fo
2
nd Harmonic
-
-
-35
dBc
ρ
in
Input VSWR
-
-
3:1
IGG
Gate Current
VDD=12.5V, VGG=5V, Pin=200mW
-
1
-
mA
Gp
Linear power gain
VDD=12.5V, VGG=5V, Pin=10dBm
23
-
-
dB
IMD3
3
rd Inter Modulation Distortion
-
-
-20
dBc
IMD5
5
th Inter Modulation Distortion
VDD=12.5V, VGG=5V
Delta f=f1-f2=10KHz
Pout=14W P.E.P. (Pin control)
-
-
-25
dBc
Stability
VDD=10.0-15.2V, Pin=100/200/300mW,
Pout<25W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=200mW,
Pout=18W (VGG control), Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA18H1213G-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA18H1213G-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G MITSUBISHI-RA18H1213G Datasheet
96Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_11 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_10 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com