Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUT290 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUT290
Description  Dual NPN-PNP complementary Bipolar transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUT290 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUT290 Datasheet HTML 1Page - KODENSHI_AUK CORP. SUT290 Datasheet HTML 2Page - KODENSHI_AUK CORP. SUT290 Datasheet HTML 3Page - KODENSHI_AUK CORP. SUT290 Datasheet HTML 4Page - KODENSHI_AUK CORP. SUT290 Datasheet HTML 5Page - KODENSHI_AUK CORP. SUT290 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T7F006-001
1
SUT290
Dual NPN-PNP complementary Bipolar transistor
Internal schematic diagram
Features
• Low VCE(sat)=0.5V (Typ.)
• Simplified circuit design
• Reduced component count
Applications
• Push-Pull or Totem-Pole configuration
• MOSFET and IGBT gate driving
• Motor, relay and solenoid driving
Description
The SUT290 is a Hybrid dual NPN-PNP
complementary power bipolar transistor
manufactured by using the latest low voltage
planar technology. The SUT290 is housed in
dual island SOP-8 package with separated
terminals for higher assembly flexibility,
specifically recommended to be used in Push-Pull
or Totem Pole configuration as post IGBTs and
MOSFETs driver.
Ordering Information
Type NO.
Marking
Package Code
SUT290
SUT290
SOP-8
Absolute Maximum Ratings
(Ta=25
°C)
Rating
Characteristic
Symbol
Tr1
Tr2
Unit
Collector-base voltage
VCBO
40
-40
V
Collector-emitter voltage
VCEO
32
-32
V
Emitter-base voltage
VEBO
5
-5
V
Collector current
IC
2
-2
A
2
W/TOTAL
Power dissipation
PD
1.4
W/ELEMENT
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
: When mounted on 40x40x0.8 ㎜ ceramic substrate
SOP-8


Similar Part No. - SUT290

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT041 KODENSHI-SUT041 Datasheet
417Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   General purpose amplifier
SUT041G KODENSHI-SUT041G Datasheet
397Kb / 5P
   Dual NPN Bipolar transistor
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
   Dual NPN Bipolar transistor
More results

Similar Description - SUT290

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT465N KODENSHI-SUT465N Datasheet
339Kb / 6P
   Dual NPNPNP complementary Bipolar transistor
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
   Dual NPN-PNP complementary Bipolar transistor
STS01DTP06 STMICROELECTRONICS-STS01DTP06 Datasheet
298Kb / 8P
   DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
STS05DTP03 STMICROELECTRONICS-STS05DTP03 Datasheet
236Kb / 10P
   Dual NPN-PNP complementary bipolar transistor
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
   COMPLEMENTARY NPN/PNP TRANSISTOR
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com