Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H4452M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA13H4452M
Description  440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4452M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA13H4452M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H4452M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA13H4452M
RA13H4452M
22 Jun 2010
2/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
20
W
Tcase(OP)
Operation Case Temperature Range
f=440-520MHz,
ZG=ZL=50Ω
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
440
-
520
MHz
Pout
Output Power
13
-
-
W
η
T
Total Efficiency
40
-
-
%
2fo
2
nd Harmonic
-
-
-30
dBc
ρ
in
Input VSWR
-
-
3:1
IGG
Gate Current
VDD=12.5V
VGG=5V
Pin=50mW
-
1
-
mA
Stability
VDD=10.0-15.2V, Pin=25-70mW,
Pout<20W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Pout=13W (VGG control),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA13H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M-01 MITSUBISHI-RA13H4452M-01 Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA13H4452M-101 MITSUBISHI-RA13H4452M-101 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com