Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H3340M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA13H3340M
Description  330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H3340M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA13H3340M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA13H3340M
RA13H3340M
22 Jun 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
5
10
15
20
25
30
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=330MHz,
VDD=12.5V,
Pin=50mW
IDD
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
6
Pout
f=400MHz,
VGG=5V,
Pin=50mW
IDD
0
5
10
15
20
25
30
2.53
3.5
4
4.5
55.5
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=365MHz,
VDD=12.5V,
Pin=50mW
IDD
0
5
10
15
20
25
30
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=400MHz,
VDD=12.5V,
Pin=50mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA13H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M-01 MITSUBISHI-RA13H3340M-01 Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
RA13H3340M-101 MITSUBISHI-RA13H3340M-101 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_10 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA Datasheet
234Kb / 8P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_10 Datasheet
93Kb / 9P
   440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com