Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR521H Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUR521H
Description  Epitaxial planar NPN silicon transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUR521H Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUR521H Datasheet HTML 1Page - KODENSHI_AUK CORP. SUR521H Datasheet HTML 2Page - KODENSHI_AUK CORP. SUR521H Datasheet HTML 3Page - KODENSHI_AUK CORP. SUR521H Datasheet HTML 4Page - KODENSHI_AUK CORP. SUR521H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-R5R006-001
1
SUR521H
Epitaxial planar NPN silicon transistor
R1
R2
10K
Ω
47K
Ω
10K
Ω
47K
Ω
Tr1
Tr2
Description
• Dual chip digital transistor
Features
• Two SRC1207 chips in SOT-353 package
• Simplify circuit design
• Reduce a quantity of parts and manufacturing process
Ordering Information
Type NO.
Marking
Package Code
SUR521H
2X
SOT-353
: Year & Week Code
Equivalent circuit & PIN Connections
Absolute Maximum Ratings [Tr1, Tr2]
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
50
V
Input voltage
VI
30,-6
V
Output current
IO
100
mA
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
: Total rating
PIN Connections
1. IN 1
2. COMMON 1,2
3. IN 2
4. OUT 2
5. OUT 1
• Equivalent Circuit
Package : SOT-353
Tr2
Tr1
R1
R2
R1
R2


Similar Part No. - SUR521H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR521H AUK-SUR521H Datasheet
178Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
More results

Similar Description - SUR521H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com