Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF701TG Datasheet(PDF) 3 Page - Semtech Corporation

Part # STF701TG
Description  T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF701TG Datasheet(HTML) 3 Page - Semtech Corporation

  STF701TG Datasheet HTML 1Page - Semtech Corporation STF701TG Datasheet HTML 2Page - Semtech Corporation STF701TG Datasheet HTML 3Page - Semtech Corporation STF701TG Datasheet HTML 4Page - Semtech Corporation STF701TG Datasheet HTML 5Page - Semtech Corporation STF701TG Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
STF701
Typical Characteristics
Normalized Breakdown Voltage vs. Temperature
Typical Insertion Loss
Normalized Resistance vs. Temperature
Measurement taken with Hewlett Packard Model
8753E Network Analyzer
y
c
n
e
u
q
e
r
Fn
o
it
a
u
n
e
t
t
A
z
H
M
0
0
1B
d
5
7
.
0
1
-
z
H
G
1B
d
1
7
.
4
1
-
0.9
0.95
1
1.05
1.1
-40
10
60
110
Temperature (
OC)
0.9
0.95
1
1.05
1.1
-40
10
60
110
Temperature (
OC)
ESD Clamping
(8kV Contact per IEC 61000-4-2)


Similar Part No. - STF701TG

ManufacturerPart #DatasheetDescription
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
   EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
   emi filter/tvs array
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
   Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
STF701 PROTEC-STF701_11 Datasheet
705Kb / 7P
   emi filter/tvs array
STF701 PROTEC-STF701_12 Datasheet
708Kb / 7P
   EMI FILTER/TVS ARRAY
More results

Similar Description - STF701TG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com