Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA08H1317M Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA08H1317M
Description  135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA08H1317M Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RA08H1317M_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA08H1317M_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA
RA
RA
RA08H1317
08H1317
08H1317
08H1317M
M
M
M
RA08H1317M
30 Jun 2010
7/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RECOMMENDATIONS, and APPLICATION INFORMATION:
Construction:
This module consists of an alumina substrate soldered onto a copper flange. For mechanical protection, a plastic
cap is attached with silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the substrate,
and coated with resin. Lines on the substrate (eventually inductors), chip capacitors, and resistors form the bias and
matching circuits. Wire leads soldered onto the alumina substrate provide the DC and RF connection.
Following conditions must be avoided:
a) Bending forces on the alumina substrate (for example, by driving screws or from fast thermal changes)
b) Mechanical stress on the wire leads (for example, by first soldering then driving screws or by thermal expansion)
c) Defluxing solvents reacting with the resin coating on the MOSFET chips (for example, Trichlorethylene)
d) Frequent on/off switching that causes thermal expansion of the resin
e) ESD, surge, overvoltage in combination with load VSWR, and oscillation
ESD:
This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required.
Mounting:
Heat sink flatness must be less than 50 µm (a heat sink that is not flat or particles between module and heat sink
may cause the ceramic substrate in the module to crack by bending forces, either immediately when driving screws
or later when thermal expansion forces are added).
A thermal compound between module and heat sink is recommended for low thermal contact resistance and to
reduce the bending stress on the ceramic substrate caused by the temperature difference to the heat sink.
The module must first be screwed to the heat sink, then the leads can be soldered to the printed circuit board.
M2.6 screws are recommended with a tightening torque of 1.8 to 3.0kgf-cm.
Soldering and Defluxing:
This module is designed for manual soldering.
The lead (terminal) must be soldered after the module is screwed onto the heat sink.
The temperature of the lead (terminal) soldering should be lower than 350°C and shorter than 3 second.
Ethyl Alcohol is recommend for removing flux. Trichloroethylene solvents must not be used (they may cause bubbles
in the coating of the transistor chips which can lift off the bond wires).
Thermal Design of the Heat Sink:
At Pout=8W, VDD=12.5V and Pin=20mW each stage transistor operating conditions are:
Stage
Pin
(W)
Pout
(W)
Rth(ch-case)
(°C/W)
IDD @ ηT=40%
(A)
VDD
(V)
1
st
0.02
1.5
4.0
0.3
2
nd
1.5
8.0
2.4
1.32
12.5
The channel temperatures of each stage transistor Tch = Tcase + (VDD x IDD - Pout + Pin) x Rth(ch-case) are:
Tch1 = Tcase + (12.5V x 0.3A – 1.5W + 0.02W) x 4.0°C/W
= T case + 9.1 °C
Tch2 = Tcase + (12.5V x 1.32A – 8.0W + 1.5W) x 2.4°C/W
= T case + 24.0 °C
For long-term reliability, it is best to keep the module case temperature (Tcase) below 90°C. For an ambient
temperature Tair=60°C and P out=8W, the required thermal resistance Rth (case-air) = ( Tcase - Tair) / ( (Pout /
η
T ) - Pout
+ Pin ) of the heat sink, including the contact resistance, is:
Rth(case-air) = (90°C - 60°C) / (8W/40% – 8W + 0.02W) = 2.50 °C /W
When mounting the module with the thermal resistance of 2.50 °C/W, the channel temperature of each sta ge
transistor is:
Tch1 = Tair + 39.1 °C
Tch2 = Tair + 54.0 °C
The 175°C maximum rating for the channel temperatur e ensures application under derated conditions.


Similar Part No. - RA08H1317M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA08H1317M-101 MITSUBISHI-RA08H1317M-101 Datasheet
230Kb / 8P
   RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
More results

Similar Description - RA08H1317M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA08H1317M MITSUBISHI-RA08H1317M_06 Datasheet
230Kb / 8P
   RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_10 Datasheet
149Kb / 9P
   135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA08H1317M MITSUBISHI-RA08H1317M Datasheet
53Kb / 9P
   135-175MHz 8W 12.5V PORTABLE/MOBILE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_10 Datasheet
157Kb / 10P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA08N1317M MITSUBISHI-RA08N1317M Datasheet
62Kb / 9P
   135-175MHz 8W 9.6V PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA_10 Datasheet
147Kb / 9P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M Datasheet
62Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com