Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07M1317M Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RA07M1317M
Description  135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M1317M Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  RA07M1317M_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA07M1317M
RA07M1317M
30 Jun 2010
9/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
M
itsubishi Electric Corporation puts the maximum effort into making semiconductor products better
and more reliable, but there is always the possibility that trouble may occur with them. Trouble with
semiconductors may lead to personal injury, fire or property damage. Remember to give due
consideration to safety when making your circuit designs, with appropriate measures such as (i)
placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against
any malfunction or mishap.
Keep safety first in your circuit designs !
-
These materials are intended as a reference to assist our customers in the selection of the Mitsubishi
semiconductor product best suited to the customer’s application; they do not convey any license under
any intellectual property rights, or any other rights, belonging to Mitsubishi Electric Corporation or a
third party.
- Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any
third-party’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms,
or circuit application examples contained in these materials.
- All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Mitsubishi Electric Corporation without notice due to product improvements or
other reasons. It is therefore recommended that customers contact Mitsubishi Electric Corporation or
an authorized Mitsubishi Semiconductor product distributor for the latest product information before
purchasing a product listed herein. The information described here may contain technical inaccuracies
or typographical errors. Mitsubishi Electric Corporation assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information
published by Mitsubishi Electric Corporation by various means, including the Mitsubishi
Semiconductor home page (http://www.mitsubishichips.com).
- When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Mitsubishi Electric
Corporation assumes no responsibility for any damage, liability or other loss resulting from the
information contained herein.
- Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or
system that is used under circumstances in which human life is potentially at stake. Please contact
Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor when
considering the use of a product contained herein for any specific purposes, such as apparatus or
systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use.
- The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in
whole or in part these materials.
- If these products or technologies are subject to the Japanese export control restrictions, they must be
exported under a license from the Japanese government and cannot be imported into a country other
than the approved destination.
Notes regarding these materials


Similar Part No. - RA07M1317M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
223Kb / 8P
   RoHS Compliance , 135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
107Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA07M1317M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M1317M MITSUBISHI-RA07M1317M Datasheet
62Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA Datasheet
135Kb / 8P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA_10 Datasheet
147Kb / 9P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA08H1317M MITSUBISHI-RA08H1317M_10 Datasheet
151Kb / 9P
   135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_10 Datasheet
149Kb / 9P
   135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA08H1317M MITSUBISHI-RA08H1317M_06 Datasheet
230Kb / 8P
   RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com