Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07M1317M Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA07M1317M
Description  135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M1317M Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA07M1317M_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M1317M_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA07M1317M
RA07M1317M
30 Jun 2010
5/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTLINE DRAWING (mm)
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)


Similar Part No. - RA07M1317M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
223Kb / 8P
   RoHS Compliance , 135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
107Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA07M1317M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M1317M MITSUBISHI-RA07M1317M Datasheet
62Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA Datasheet
135Kb / 8P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA_10 Datasheet
147Kb / 9P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA08H1317M MITSUBISHI-RA08H1317M_10 Datasheet
151Kb / 9P
   135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_10 Datasheet
149Kb / 9P
   135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA08H1317M MITSUBISHI-RA08H1317M_06 Datasheet
230Kb / 8P
   RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com