Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA05H9595M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA05H9595M
Description  952-954MHz 5W 14V, 3 Stage Amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA05H9595M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA05H9595M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA05H9595M
RA05H9595M
22 Jun 2010
3/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER and DRAIN CURRENT
DRAIN CURRENT versus INPUT POWER
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
5
10
15
20
25
30
920
930
940
950
960
970
980
FREQUENCY f (MHz)
10
20
30
40
50
60
70
V
DD=14V
V
GG=5V
P
in=1m W
P
out
η
T
ρ
in
0
10
20
30
40
50
-10
-5
0
5
10
INPUT POWER Pin (dBm)
1
2
3
4
5
6
f=953MHz
V
DD=14V
V
GG=5V
P
out
I DD
Gp
0
5
10
15
20
25
2
4
6
8
10
12
14
DRAIN VOLTAGE VDD (V)
0
1
2
3
4
5
P
out
f=953MHz
V
GG=5V
P
in=1m W
I DD
0
5
10
15
20
25
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG (V)
0
1
2
3
4
5
P
out
f=953MHz
V
DD=14V
P
in=1m W
I DD
-70
-60
-50
-40
-30
-20
920
930
940
950
960
970
980
FREQUENCY f (MHz)
2
nd
3
rd
V
DD=14V
V
GG=5V
P
in=1m W


Similar Part No. - RA05H9595M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA05H9595M MITSUBISHI-RA05H9595M Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
RA05H9595M-101 MITSUBISHI-RA05H9595M-101 Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
More results

Similar Description - RA05H9595M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA05H9595M MITSUBISHI-RA05H9595M Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
RA03M9595M MITSUBISHI-RA03M9595M Datasheet
144Kb / 8P
   952-954MHz 3.0W 8.0V, 2 Stage Amp.
RA05H8693M MITSUBISHI-RA05H8693M_10 Datasheet
113Kb / 9P
   866-928MHz 5W 14V, 3 Stage Amp.
RA01L9595M MITSUBISHI-RA01L9595M Datasheet
447Kb / 14P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L9595M MITSUBISHI-RA01L9595M_10 Datasheet
549Kb / 13P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA05H8693M MITSUBISHI-RA05H8693M Datasheet
180Kb / 8P
   RF MOSFET MODULE 866-928MHz 5W 14V, 3 Stage Amp
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_10 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com