Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA05H8693M Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA05H8693M
Description  866-928MHz 5W 14V, 3 Stage Amp.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA05H8693M Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA05H8693M_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA05H8693M_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA05H8693M
RA05H8693M
22 Jun 2010
8/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following two methods are recommended to control the output power:
a) FM modulation:
By the gate voltage (VGG).
b) Linear modulation:
By RF input power Pin.
The gate voltage is used to set the drain’s quiescent current for the required linearity.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and
drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50Ω?
c) Is the source impedance ZG=50Ω?
ATTENTION:
1.High Temperature; This product might have a heat generation while operation,Please take notice that have a
possibility to receive a burn to touch the operating product directly or touch the product until cold after switch off.
At the near the product,do not place the combustible material that have possibilities to arise the fire.
2. Generation of High Frequency Power; This product generate a high frequency power. Please take notice that do
not leakage the unnecessary electric wave and use this products without cause damage for human and property per
normal operation.
3. Before use; Before use the product,Please design the equipment in consideration of the risk for human and
electric wave obstacle for equipment.
PRECAUTION FOR THE USE OF MITSUBISHI SILICON RF POWER AMPLIFIER DEVICES:
1.The specifications of mention are not guarantee values in this data sheet. Please confirm additional details
regarding operation of these products from the formal specification sheet. For copies of the formal specification
sheets, please contact one of our sales offices.
2.RA series products (RF power amplifier modules) are designed for consumer mobile communication terminals
and were not specifically designed for use in other applications. In particular, while these products are highly
reliable for their designed purpose, they are not manufactured under a quality assurance testing protocol that is
sufficient to guarantee the level of reliability typically deemed necessary for critical communications elements.
Examples of critical communications elements would include transmitters for base station applications and fixed
station applications that operate with long term continuous transmission and a higher on-off frequency during
transmitting, especially for systems that may have a high impact to society.
3.RA series products use MOSFET semiconductor technology. They are sensitive to ESD voltage therefore
appropriate ESD precautions are required.
4.In order to maximize reliability of the equipment, it is better to keep the devices temperature low.
It is
recommended to utilize a sufficient sized heat-sink in conjunction with other cooling methods as needed (fan,
etc.) to keep the case temperature for RA series products lower than 60deg/C under standard conditions, and
less than 90deg/C under extreme conditions.
5.RA series products are designed to operate into a nominal load impedance of 50 ohms. Under the condition of
operating into a severe high load VSWR approaching an open or short, an over load condition could occur. In the
worst case there is risk for burn out of the transistors and burning of other parts including the substrate in the
module.
6.The formal specification includes a guarantee against parasitic oscillation under a specified maximum load
mismatch condition. The inspection for parasitic oscillation is performed on a sample basis on our manufacturing
line. It is recommended that verification of no parasitic oscillation be performed at the completed equipment level
also.
7.For specific precautions regarding assembly of these products into the equipment, please refer to the
supplementary items in the specification sheet.
8.Warranty for the product is void if the products protective cap (lid) is removed or if the product is modified in any
way from it’s original form.
9.For additional “Safety first” in your circuit design and notes regarding the materials, please refer the last page of
this data sheet.
10. Please refer to the additional precautions in the formal specification sheet.


Similar Part No. - RA05H8693M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA05H8693M-101 MITSUBISHI-RA05H8693M-101 Datasheet
180Kb / 8P
   RF MOSFET MODULE 866-928MHz 5W 14V, 3 Stage Amp
More results

Similar Description - RA05H8693M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA05H8693M MITSUBISHI-RA05H8693M Datasheet
180Kb / 8P
   RF MOSFET MODULE 866-928MHz 5W 14V, 3 Stage Amp
RA05H9595M MITSUBISHI-RA05H9595M_10 Datasheet
81Kb / 8P
   952-954MHz 5W 14V, 3 Stage Amp.
RA05H9595M MITSUBISHI-RA05H9595M Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
RA01L8693MA MITSUBISHI-RA01L8693MA Datasheet
185Kb / 13P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L8693MA MITSUBISHI-RA01L8693MA_10 Datasheet
270Kb / 12P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0801A TAI-SAW-TA0801A Datasheet
435Kb / 7P
   SAW Filter 866 MHz
TA1362A TAI-SAW-TA1362A Datasheet
451Kb / 6P
   SAW Filter 866 MHz
logo
Mitsubishi Electric Sem...
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_10 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com