Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA03M8894M-101 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA03M8894M-101
Description  889-941MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA03M8894M-101 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA03M8894M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA03M8894M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANT
RA
RA
RA
RA03M8894
03M8894
03M8894
03M8894M
M
M
M
RA03M8894M
28 Jun 2010
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER, TOTAL EFFICIENCY,
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
1
2
3
4
5
6
7
8
870 880 890 900 910 920 930 940 950 960
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
VDD=7.2V
Pin=50mW
Pout @VGG=3.5V
ηηηη
T @Pout=3.0W
ρρρρ
in @Pout=3.0W
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=889MHz,
VDD=7.2V,
VGG=3.5V
Pout
IDD
Gp
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=914MHz,
VDD=7.2V,
VGG=3.5V
Pout
Gp
IDD
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
1
2
3
4
5
6
7
8
9
10
2
3
4
5
6
7
8
9
10
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
Pout
f=889MHz,
VGG=3.5V,
Pin=50mW
IDD
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=941MHz,
VDD=7.2V,
VGG=3.5V
Pout
Gp
I
DD
0
1
2
3
4
5
6
7
8
9
10
2
3
4
5
6
7
8
9
10
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
Pout
f=914MHz,
VGG=3.5V,
Pin=50mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, Z G=ZL=50
Ω, unless otherwise specified)


Similar Part No. - RA03M8894M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA03M8894M-101 MITSUBISHI-RA03M8894M-101 Datasheet
217Kb / 8P
   889-941MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA03M8894M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA03M8894M MITSUBISHI-RA03M8894M Datasheet
217Kb / 8P
   889-941MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_10 Datasheet
147Kb / 9P
   806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_06 Datasheet
212Kb / 8P
   RoHS Compliance , 806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M Datasheet
62Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M_10 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA Datasheet
135Kb / 8P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M_10 Datasheet
107Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M Datasheet
62Kb / 9P
   440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA Datasheet
136Kb / 8P
   440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA02M8087MD MITSUBISHI-RA02M8087MD_10 Datasheet
193Kb / 9P
   806-869MHz 34dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com