Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA02M8087MD-101 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA02M8087MD-101
Description  806-869MHz 34dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA02M8087MD-101 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA02M8087MD-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA02M8087MD-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silicon RF Power Semiconductors
RA02M8087MD
RA02M8087MD
RA02M8087MD
RA02M8087MD
RoHS Compliance , 806-869MHz 34dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA02M8087MD
28 Jun 2010
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA02M8087MD is a 34 dBm output RF MOSFET
Amplifier Module for 7.2 volt portable radios that operate in the
806
to 869 MHz range.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=7.2V, VGG=0V)
• Pout>34dBm
@ VDD=7.2V, Pin=14.5dBm
Idq1=20mA(Vgg1adjust.),Idq2=300mA(Vgg2 adjust.) ,
η
T>30%
@ VDD=7.2V, Pout=34dBm (Pin adjust.),
Idq1=20mA(Vgg1 adjust.),Idq2=300mA(Vgg2 adjust.)
• IMD3<-26dBc @ VDD=7.2V, Pout (average) =31dBm (Pin adjust.)
Two tone test at 1KHz separation
Idq1=20mA(Vgg1 adjust.),Idq2=300mA(Vgg2 adjust.)
• Broadband Frequency Range: 806-869MHz
• Low-Power Adjust. Current IGG=1mA (typ) at VGG=3.15V
• Module Size: 30 x 10 x 5.4 mm
RoHS COMPLIANT
• RA02M8087MD-101 is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the
lead in electronic Ceramic parts.
How ever,it applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and
fluorescent tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA02M8087MD-101
Antistatic tray,
50 modules/tray
BLOCK DIAGRAM
1 RF Input (Pin)
2 FIRST STAGE GATE BIAS DC SUPPLY TERMINAL(Vgg1)
3 FINAL STAGE GATE BIAS DC SUPPLY TERMINAL(Vgg2)
4 Drain Voltage (VDD), Battery
5 RF Output (Pout)
6 RF Ground (Case)
3
2
4
1
5
6
PACKAGE CODE: H46S


Similar Part No. - RA02M8087MD-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA02M8087MD-101 MITSUBISHI-RA02M8087MD-101 Datasheet
192Kb / 7P
   RoHS Compliance , 806-869MHz 34dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA02M8087MD-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA02M8087MD MITSUBISHI-RA02M8087MD Datasheet
192Kb / 7P
   RoHS Compliance , 806-869MHz 34dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_10 Datasheet
147Kb / 9P
   806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_06 Datasheet
212Kb / 8P
   RoHS Compliance , 806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M8894M MITSUBISHI-RA03M8894M Datasheet
217Kb / 8P
   889-941MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M Datasheet
62Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M_10 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317MSA MITSUBISHI-RA07M1317MSA Datasheet
135Kb / 8P
   135-175MHz 6.7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M1317M MITSUBISHI-RA07M1317M_10 Datasheet
107Kb / 9P
   135-175MHz 6.5W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M Datasheet
62Kb / 9P
   440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA Datasheet
136Kb / 8P
   440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com