Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR05 Datasheet(PDF) 4 Page - Semtech Corporation

Part No. SR05
Description  RailClamp Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SR05 Datasheet(HTML) 4 Page - Semtech Corporation

  SR05 Datasheet HTML 1Page - Semtech Corporation SR05 Datasheet HTML 2Page - Semtech Corporation SR05 Datasheet HTML 3Page - Semtech Corporation SR05 Datasheet HTML 4Page - Semtech Corporation SR05 Datasheet HTML 5Page - Semtech Corporation SR05 Datasheet HTML 6Page - Semtech Corporation SR05 Datasheet HTML 7Page - Semtech Corporation SR05 Datasheet HTML 8Page - Semtech Corporation SR05 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SR05
Device Connection Options for Protection of Two
High-Speed Data Lines
The SR05 TVS is designed to protect two data lines
from transient over-voltages by clamping them to a
fixed reference. When the voltage on the protected
line exceeds the reference voltage (plus diode V
F) the
steering diodes are forward biased, conducting the
transient current away from the sensitive circuitry.
Data lines are connected at pins 2 and 3. The nega-
tive reference (REF1) is connected at pin 1. This pin
should be connected directly to a ground plane on the
board for best results. The path length is kept as short
as possible to minimize parasitic inductance.
The positive reference (REF2) is connected at pin 4.
The options for connecting the positive reference are
as follows:
1. To protect data lines and the power line, connect
pin 4 directly to the positive supply rail (V
CC). In this
configuration the data lines are referenced to the
supply voltage. The internal TVS diode prevents
over-voltage on the supply rail.
2. The SR05 can be isolated from the power supply by
adding a series resistor between pin 4 and V
CC. A
value of 10k
Ω is recommended. The internal TVS
and steering diodes remain biased, providing the
advantage of lower capacitance.
3. In applications where no positive supply reference
is available, or complete supply isolation is desired,
the internal TVS may be used as the reference. In
this case, pin 4 is not connected. The steering
diodes will begin to conduct when the voltage on
the protected line exceeds the working voltage of
the TVS (plus one diode drop).
ESD Protection With RailClamps
RailClamps are optimized for ESD protection using the
rail-to-rail topology. Along with good board layout,
these devices virtually eliminate the disadvantages of
using discrete components to implement this topology.
Consider the situation shown in Figure 1 where dis-
crete diodes or diode arrays are configured for rail-to-
rail protection on a high speed line. During positive
duration ESD events, the top diode will be forward
biased when the voltage on the protected line exceeds
the reference voltage plus the V
F drop of the diode.
Data Line and Power Supply Protection Using Vcc as
reference
Data Line Protection with Bias and Power Supply
Isolation Resistor
Data Line Protection Using Internal TVS Diode as
Reference
Applications Information


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LCDA12C-8 Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection 1  2  3  4  5  More Semtech Corporation
LCDA15C-6 Low Capacitance TVS Diode Array For Multi-mode Transciever Protection  1  2  3  4  5  More Semtech Corporation
PJUSBLC6-2 Low Capacitance TVS and Diode Array 1  2  3  Pan Jit International Inc.
SRDA70-4 RailClamp Low Capacitance TVS Diode Array  1  2  3  4  5  More Semtech Corporation
SRV05-4 Low Capacitance TVS Diode Array 1  2  3  4  5  More Semtech Corporation
PJRDA200-4 Low Capacitance TVS Diode Array 1  2  3  Pan Jit International Inc.
PJSR05 Low Capacitance TVS and Diode Array 1  2  3  Pan Jit International Inc.
LCDA05 Low Capacitance TVS Diode Array For High-Speed Data Interfaces  1  2  3  4  5  More Semtech Corporation
CDSOT23-T03LC CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn