Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA24C Datasheet(PDF) 1 Page - Semtech Corporation

Part # SMDA24C
Description  Bidirectional TVS Array for Protection of Four Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA24C Datasheet(HTML) 1 Page - Semtech Corporation

  SMDA24C Datasheet HTML 1Page - Semtech Corporation SMDA24C Datasheet HTML 2Page - Semtech Corporation SMDA24C Datasheet HTML 3Page - Semtech Corporation SMDA24C Datasheet HTML 4Page - Semtech Corporation SMDA24C Datasheet HTML 5Page - Semtech Corporation SMDA24C Datasheet HTML 6Page - Semtech Corporation SMDA24C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
SMDA05C THRU SMDA24C
Bidirectional TVS Array
for Protection of Four Lines
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
u Bidirectional protection
u Small SO-8 package
u Protects four I/O lines
u Working voltages: 5V, 12V, 15V and 24V
u Low leakage current
u Low operating and clamping voltages
u Solid-state silicon avalanche technology
Description
Features
Schematic & PIN Configuration
Revision 9/2000
Applications
Mechanical Characteristics
The SMDAxxC series of TVS arrays are designed to
provide bidirectional protection for sensitive electronics
from damage or latch-up due to ESD, lightning and
other voltage-induced transient events. Each device
will protect four data or I/O lines. They are available
with operating voltages of 5V, 12V, 15V and 24V.
TVS diodes are solid-state devices designed specifically
for transient suppression. They offer desirable charac-
teristics for board level protection including fast re-
sponse time, low operating and clamping voltage and
no device degradation. The low profile SO-8 package
allows the user to protect up to four independent lines
with one package. The SMDAxxC series is suitable
protection for sensitive semiconductors components
such as microprocessors, ASICs, transceivers, trans-
ducers, and CMOS memory.
The SMDAxxC series devices may be used to meet the
ESD immunity requirements of IEC 61000-4-2, level 4
for air and contact discharge.
SO-8 (Top View)
u JEDEC SO-8 package
u Molding compound flammability rating: UL 94V-0
u Marking : Part number, date code, logo
u Packaging : Tube or Tape and Reel per EIA 481
u Data and I/O Lines
u Microprocessor based equipment
u Notebooks, Desktops, and Servers
u Instrumentation
u LAN/WAN equipment
u Peripherals
u Serial and Parallel Ports
1
2
3
45
6
7
8


Similar Part No. - SMDA24C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDA24C MCC-SMDA24C Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA24C MICROSEMI-SMDA24C Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA24C PROTEC-SMDA24C Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMDA24C SEMTECH-SMDA24C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
logo
SeCoS Halbleitertechnol...
SMDA24C SECOS-SMDA24C Datasheet
172Kb / 2P
   Transient Voltage Suppressors
More results

Similar Description - SMDA24C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com