Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA3350D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STA3350D
Description  PNP Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STA3350D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STA3350D Datasheet HTML 1Page - KODENSHI_AUK CORP. STA3350D Datasheet HTML 2Page - KODENSHI_AUK CORP. STA3350D Datasheet HTML 3Page - KODENSHI_AUK CORP. STA3350D Datasheet HTML 4Page - KODENSHI_AUK CORP. STA3350D Datasheet HTML 5Page - KODENSHI_AUK CORP. STA3350D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-T6O035-000
2
STA3350D
Electrical Characteristics
[Ta=25℃]
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-50
-
-
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-
-
-1
μA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-
-
-1
μA
DC current gain
hFE
VCE=-2V, IC=-0.5A*
120
-
240
hFE
VCE=-2V, IC=-2A*
40
-
-
Collector-emitter saturation voltage
VCE(sat)
IC=-1A, IB=-0.05A*
-
-
-0.35
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB=-0.1A*
-
-0.97
-1.2
V
Transition frequency
fT
VCE=-10V, IC=-0.05A
-
250
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
28
-
pF
Switching
Time
Turn-on Time
ton
-
100
-
ns
Storage Time
tstg
-
300
-
Fall Time
tf
-
50
-
*: Pulse test : tP≤300µs, Duty cycle≤2%
<


Similar Part No. - STA3350D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STA3350D KODENSHI-STA3350D Datasheet
377Kb / 6P
   PNP Silicon Transistor
More results

Similar Description - STA3350D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com