Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA12C Datasheet(PDF) 5 Page - Semtech Corporation

Part # SMDA12C
Description  Bidirectional TVS Array for Protection of Four Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA12C Datasheet(HTML) 5 Page - Semtech Corporation

  SMDA12C Datasheet HTML 1Page - Semtech Corporation SMDA12C Datasheet HTML 2Page - Semtech Corporation SMDA12C Datasheet HTML 3Page - Semtech Corporation SMDA12C Datasheet HTML 4Page - Semtech Corporation SMDA12C Datasheet HTML 5Page - Semtech Corporation SMDA12C Datasheet HTML 6Page - Semtech Corporation SMDA12C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMDA05C THRU SMDA24C
Circuit Diagram
I/O Line Protection
Device Connection for Protection of Four Data Lines
The SMDAxxC series devices are designed to protect
up to four data lines. The devices are connected as
follows:
l
The SMDAxxC are bidirectional devices and are
designed for use on lines where the normal operat-
ing voltage is above and below ground. Pins 1, 2,
3, and 4 are connected to the protected lines.
Pins 5, 6, 7, and 8 are connected to ground. Since
the device is electrically symmetrical, these connec-
tions may be reversed. The ground connections
should be made directly to the ground plane for
best results. The path length is kept as short as
possible to reduce the effects of parasitic induc-
tance in the board traces.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
l
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
l
Minimize the path length between the TVS and the
protected line.
l
Minimize all conductive loops including power and
ground loops.
l
The ESD transient return path to ground should be
kept as short as possible.
l
Never run critical signals near board edges.
l
Use ground planes whenever possible.
1
2
3
45
6
7
8
Ground
From Connector
To Protected
Device
Typical Connection
1
2
3
45
6
7
8
Applications Information


Similar Part No. - SMDA12C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDA12C MCC-SMDA12C Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA12C MICROSEMI-SMDA12C Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA12C PROTEC-SMDA12C Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMDA12C SEMTECH-SMDA12C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
logo
SeCoS Halbleitertechnol...
SMDA12C SECOS-SMDA12C Datasheet
172Kb / 2P
   Transient Voltage Suppressors
More results

Similar Description - SMDA12C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com